|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 0191830019 Active AvikrimpTM Hook Tongue Terminal for 10-12 AWG Wire, Stud Size 10 RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E32244 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19183 Yes N/A AvikrimpTM Hook Physical Barrel Type Flammability Insulation Material - Plating Mating Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stud Size Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Closed 94V-0 Nylon (PA) Tin Bag 100 2.5 100 2.5 10 (M5) Crimp or Compression 5.72mm (.225") max. 10, 12 0.40 - 0.60 Search Parts in this Series 19183Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640010100 Hand Crimp Tool 0640011500 Crimp Head for the 0640050100 AT-200TM Pneumatic Hand Tool Material Info Old Part Number C-811-10 Reference - Drawing Numbers Sales Drawing CCD80102 This document was generated on 04/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of CCD80102 |